PART |
Description |
Maker |
KSC1674 KSC1674COTA KSC1674CYBU KSC1674CYTA KSC167 |
NPN Epitaxial Silicon Transistor TV PIF Amplifier, FM Tuner RF Amplifier, Mixer, Oscillator VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MPS6717-D |
One Watt Amplifier Transistor NPN Silicon Small Signal Amplifier NPN
|
ON Semiconductor
|
KSH31 KSH31C KSH31CTF KSH31TF |
NPN Epitaxial Silicon Transistor General Purpose Amplifier Low Speed Switching Applications 3 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-252
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BFS483 Q62702-F1574 Q62702F1574 |
NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at colector current from 2mA to 28mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) NPN硅射频晶体管(对于低噪声,高增益的colector2mA至二十八毫安目前的宽带放大器 NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TRANSISTOR R.F SOT363 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CPH6001A |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Sanyo Semicon Device
|
2SC2705Y 2SC2705 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) AUDIO FREQUENCY AMPLIFIER APPLICATIONS TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | TO-92VAR
|
TOSHIBA
|
BFS481 Q62702-F1572 |
From old datasheet system NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at collector currents from 0.5 to 12 mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
G8051 |
The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation NPN EPITAXIAL TRANSISTOR NPN EPITAXIAL PLANAR TRANSISTOR
|
E-Tech Electronics LTD List of Unclassifed Manufacturers GTM CORPORATION
|
2SC945 2SC94509 2SC945L-X-T92-K 2SC945L-X-T92-B 2S |
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|